fast recovery rectifier voltage range 50 to 1000 volts RL101F thru rl107f current 1.0 ampere e-mail: sales@cnmic.com web site: www.cnmic.com features low coat construction fast switching for high efficiency. low reverse leakage high forward surge current capability high temperature soldering guaranteed: 260 /10 secods/.375 (9.5mm)lead length at 5 lbs(2.3kg) tension mechanical data case: transfer molded plastic epoxy: ul94v-o rate flame retardant polarity: color band denotes cathode end lead: plated axial lead, solderable per mil-std-202e method 208c mounting position: any weight: 0.00081 ounce, 0.23 grams maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified single phase, half wave, 60hz, resistive or inductive load for capacitive load derate current by 20% symbols rl 101f rl 102f rl 103f rl 104f rl 105f rl 106f rl 107f units maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 volts maximum rms voltage v rms 35 70 140 280 420 560 700 volts maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 volts maximum average forward rectified current 0.375 (9.5mm) lead length at t a = 75 i (av) 1.0 amps peak forward surge current 8.3ms single half sine wave superimposed on rated load (jedec method) i fsm 30 amps maximum instantaneous forward voltage @ 1.0a v f 1.3 volts t a = 25 5.0 maximum dc reverse current at rated dc blocking voltage t a = 100 i r 100 a maximum reverse recovery tine (note 3) t l =25 trr 150 250 500 ns typical junction capacitance (note 1) c j 15 pf typical thermal resistance (note 2) r ja 50 /w operating junction temperature range t j (-55 to +150) storage temperature range t stg (-55 to +150) notes: 1.measured at 1.0mhz and applied reverse voltage of 4.0volits. 2. thermal resistance from junction to ambient at .375 (9.5mm)lead length, p.c.board mounted. 3.reverse recovery test conditions:if=0.5a,ir=1.0a,irr=0.25a dimensions in inches and (millimeters) dia. .025(0.6) .021(0.5) dia. .107(2.7) .080(2.0) .205(5.2) .166(4.2) 1.0(25.4) min. 1.0(25.4) min. a-405
fast recovery rectifier voltage range 50 to 1000 volts RL101F thru rl107f current 1.0 ampere e-mail: sales@cnmic.com web site: www.cnmic.com 1.2 1.0 0.2 fig.2-maximum non-repetitive peak 100 t j jmax 50 20 10 characteristics 8 5 2 30 20 25 10 1 0 c u r r e n t , ( a ) p e a k f o r w a r d s u r g e number of cycles at 60 hz 8.3ms single half sine-wave (jedec method) =t forward surge current fig.4-typical reverse derating curve fig.1-typical forward current 150 175 125 75 100 0.8 0.6 50 0.4 0 0 single phase inductive load half wave 60hz resistive or 25 a v e r a g e f o r w a r d c u r r e n t , ( a ) 10 fig.3-typical instantaneous forward characteristics ambient temperature, ( c) j t =25 c 80 40 60 100 20 0 ( m a ) percent of rated peak reverse voltage,(%) 100 1.4 j t =25 c 1.2 1.0 0.8 0.6 1% duty cycle pulse width=300us 1 0.1 0.01 ( a ) ( a ) 100 10 instantaneous forward voltage,(v) fig.5-typical junction capacitance 10.0 1.0 4.0 0.1 10 reverse voltage,(volts) tj=25 c f=1mhz c a p a c i t a n c e , ( p f ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , i n s t a n t a n e o u s r e v e r s e c u r r e n t , 1.61.82.0 140 120 rating and chracteristic curves RL101F thur rl107f 0.1 1.0 10 100 t =100 c j
|